PART |
Description |
Maker |
MAX3311E MAX3311ECUB MAX3311EEUB MAX3311E-MAX3313E |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 ±15kV ESD保护60kbpsµA、RS-232兼容收发器,µMAX封装 ±.15kV ESD-Protected.460kbps.1µ.A.RS-232-Compatible Transceivers in µ.MAX ±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceivers in μMAX 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceivers in MAX " ?à15kV ESD-Protected, 460kbps, 1?A, RS-232-Compatible Transceivers in ?MAX" 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceivers in MAX 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceivers in レMAX 15kV ESD-Protected / 460kbps / 1A / RS-232-Compatible Transceivers in MAX ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceivers in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EE |
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters ??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16 5kV ESD保护3.3V的四路的RS - 422发送器 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters 【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters "?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters" "?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters" ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3244E MAX3226E MAX3224E MAX3224ECAP MAX3224ECPP |
卤15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected 1A 1Mbps 3.0V to 5.5V RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected, 1A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15kV ESD-Protected, 1レA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15KV ESD-PROTECTED, 1ヌA, 1MBPS, 3.0V TO 5.5V, RS-232 TRANSCEIVERS WITH AUTOSHUTDOWN PLUS -15kV ESD-protected, 1microA, 1Mbps, 3.0V to 5.5V, RS-232 transceiver with autoshutdown plus.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
ST3485EC ST3485EB ST3485ECN ST3485E ST3485EBD ST34 |
3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 Stratix FPGA 40K FBGA-1508 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
ST3222E ST3222EBD ST3222EBDR ST3222EBPR ST3222EBTR |
15 KV ESD PROTECTED 3 TO 5.5V, LOW POWER, UP TO 250KBPS RS-232 DRIVERS AND RECEIVERS 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX3440E MAX3440EAPA MAX3440EASA MAX3440EEPA MAX34 |
15kV ESD-Protected, 60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers " ?0V Fault-Protected, 10Mbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" "?0V Fault-Protected, ?5kV ESD Protected, 10Mbps, Fail-Safe RS-485 Transceiver with Shutdown" "?0V Fault-Protected, 250kbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" 15kV ESD-Protected 60V Fault-Protected 10Mbps Fail-Safe RS-485/J1708 Transceivers 15kV ESD-Protected / 60V Fault-Protected / 10Mbps / Fail-Safe RS-485/J1708 Transceivers 【15kV ESD-Protected, 【60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
|